PART |
Description |
Maker |
AT49F2048 AT49F2048-12RC AT49F2048-12RI AT49F2048- |
2-Megabit 128K x 16 5-volt Only CMOS Flash Memory 128K X 16 FLASH 5V PROM, 120 ns, PDSO44 Serial-To-Parallel Interface 20-TSSOP -40 to 85 128K X 16 FLASH 5V PROM, 70 ns, PDSO44 Dual 16-Bit Binary Counters with 3-State Output Registers 20-PDIP -40 to 85
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
AT29LV010A-12TC AT29LV010A-12JI AT29LV010A-20JI AT |
120NS, TSOP, COM TEMP(FLASH) 128K X 8 FLASH 3V PROM, 120 ns, PDSO32 1-megabit (128K x 8) 3-volt Only Flash Memory
|
Atmel, Corp. ATMEL Corporation
|
AM29F010B-90JI AM29F010B-120EC AM29F010B-120EI AM2 |
1 Mb (128K x 8) Uniform Sector, Flash Memory 128K X 8 FLASH 5V PROM, 90 ns, PQCC32 1 Mb (128K x 8) Uniform Sector, Flash Memory 128K X 8 FLASH 5V PROM, 120 ns, PDSO32 1 Mb (128K x 8) Uniform Sector, Flash Memory 128K X 8 FLASH 5V PROM, 55 ns, PDIP32
|
Advanced Micro Devices, Inc.
|
AS8F128K32Q-150/Q AS8F128K32Q-70/Q AS8F128K32Q-70/ |
128K x 32 FLASH FLASH MEMORY ARRAY 128K X 32 FLASH 5V PROM MODULE, 150 ns, CQFP68 128K x 32 FLASH FLASH MEMORY ARRAY 128K X 32 FLASH 5V PROM MODULE, 90 ns, CQFP68 128K x 32 FLASH FLASH MEMORY ARRAY 128K X 32 FLASH 5V PROM MODULE, 120 ns, CQFP68
|
Austin Semiconductor, Inc
|
AT49BV001A AT49BV001A-55JI AT49BV001A-55TI AT49BV0 |
128K x 8 (1M bit), 2.7-Volt Read and Write, Top or Bottom Boot Parametric Block Flash. 1-megabit (128K x 8) Single 2.7-volt Battery-Voltage⑩ Flash Memory 1-MEGABIT (128K X 8) SINGLE 2.7-VOLT BATTERY-VOLTAGE⒙ FLASH MEMORY 1-megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory AC 12C 12#12 SKT RECP JT 100C 100#22D SKT RECP AT49BV001A(N)(T) [Updated 9/03. 18 Pages] 128K x 8 (1M bit). 2.7-Volt Read and Write. Top or Bottom Boot Parametric Block Flash. AC 6C 3#16 3#4 SKT RECP Circular Connector; No. of Contacts:55; Series:MS27508; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:22; Circular Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle RoHS Compliant: No 1-megabit (128K x 8) Single 2.7-volt Battery-VoltageFlash Memory 1兆位128K的8)单2.7伏电池电压⑩闪存 1-megabit (128K x 8) Single 2.7-volt Battery-VoltageFlash Memory 128K X 8 FLASH 2.7V PROM, 55 ns, PQCC32 1-megabit (128K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
UN222X UNR2222 UNR2223 UNR2224 UNR2221 |
Silicon NPN epitaxial planar type Flash Memory IC; Leaded Process Compatible:Yes; Memory Configuration:128K x 8; Memory Size:1Mbit; Package/Case:32-PLCC; Supply Voltage Max:5.5V Flash Memory IC; Access Time, Tacc:120ns; Package/Case:32-TSOP; Memory Configuration:128K x 8; Memory Size:1Mbit; Supply Voltage Max:5.5V; Mounting Flash Memory IC; Access Time, Tacc:45ns; Package/Case:32-TSOP; Memory Configuration:128K x 8; Memory Size:1Mbit; Supply Voltage Max:5.5V; Mounting POT THUMBWHEEL 10K OHM LINEAR
|
Panasonic Semiconductor Panasonic Corporation
|
AM29F010B-90EK AM29F010B-45EC AM29F010B-45PC AM29F |
1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 128K X 8 FLASH 5V PROM, 90 ns, PDSO32 1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 128K X 8 FLASH 5V PROM, 45 ns, PDSO32 1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 128K X 8 FLASH 5V PROM, 45 ns, PDIP32 1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 128K X 8 FLASH 5V PROM, 120 ns, PDSO32 15V Single Output Isolated DC/DC Converter 128K X 8 FLASH 5V PROM, 120 ns, PDIP32 1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 128K X 8 FLASH 5V PROM, 120 ns, PQCC32 128K X 8 FLASH 5V PROM, 90 ns, PDIP32
|
Spansion, Inc. SPANSION LLC
|
WF128K32N-120H1I5A WF128K32N-150H1I5 WF128K32N-50H |
120ns; 5V power supply; 128K x 32 flash module, SMD 5962-94716 150ns; 5V power supply; 128K x 32 flash module, SMD 5962-94716 60ns; 5V power supply; 128K x 32 flash module, SMD 5962-94716 70ns; 5V power supply; 128K x 32 flash module, SMD 5962-94716 90ns; 5V power supply; 128K x 32 flash module, SMD 5962-94716
|
White Electronic Designs
|